Part Number Hot Search : 
5MLI06 P4KE2 PS2653L2 74HC245 02088MXP 43650 40006 LCE24
Product Description
Full Text Search
 

To Download DF1740-20DS-05V57 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a184 0.5mm pitch board to board connector df17 series features 1. solution of connector damage caused when mobile phone is dropped df17 series are the connector which has been developed mainly for the mobile phone. connector problems involving in mobile phone example: the following problems can be solved; "connector damage caused when mobile phone is dropped" "electrical discontinuity in printed circuit board is fixed (fastened by screws)" especially, in regard to the resistance to the drop shock, hirose has developed a new connector structure utilizing its unique technology, and greatly enhanced the resistance to the drop shock. in broad variation development, the connector can be utilized in wide fields of lcd equipment, miniature information terminal equipment and so on, in addition to mobile phones. the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a185 df17 series 0.5mm pitch board to board connector 2. performance enhancement the receptacle is designed in a box structure and has also enhanced shock-proof, pinch-proof and scoop-proof performance. in addition, the receptacle contact has employed the high scoop-proof bellows type. 3. with metal fitting available in order to grade up the strength against the mechanical stress, the metal fitting specification is also available. 4. broad variations in contact number the connectors are lined up per 10 contacts between 20 and 80 contacts to take countermeasures for multi-signalization. 5. stacking height 4 to 8mm the stacking height can be selected (per milimeter) between 4mm and 8mm in combination of the receptacle with the header. applications mobile phones, lcd, miniature equipment and so on note : the stacking height doesn't include the solder paste thickness. 20 8 7 6 6.5 5 5.5 4 26 30 40 50 60 70 80 100 120 (contacts) stacking (mm) : available : under plan df17#( m )- * dp-0.5v 2.0 2.5 4.0 3.0 4.0 5mm 5.5mm 7mm 6mm 6.5mm 8mm df17#( m )- * ds-0.5v df17(1.0h)- * dp-0.5v header receptacle df17(3.0h)- * ds-0.5v 4mm header receptacle the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a186 df17 series 0.5mm pitch board to board connector 100v dc 150v ac/1 minute 100ma frequency: 10 to 55 hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 96 hours at temperature of 40? and humidity of 90% to 95% (-55 ? : 30 minutes 5 to 35 ? : 10 minutes 85 ? : 30 minutes 5 to 35 ? : 10 minutes) 5 cycles 50 cycles reflow: at the recommended temperature profile manual soldering: 350? for 3 seconds 500m ohms min. no flashover or insulation breakdown. 60m ohms max. no electrical discontinuity of 1s or more contact resistance: 60m ohms max. insulation resistance: 250m ohms min. contact resistance: 60m ohms max. insulation resistance: 500m ohms min. contact resistance: 60m ohms no deformation of components affecting performance. 1. insulation resistance 2. withstanding voltage 3. contact resistance 4. vibration 5. humidity (steady state) 6. temperature cycle 7. durability (mating/un-mating) 8. resistance to soldering heat item specification condition product specifications rating current rating voltage rating 0.3a 50v ac operating temperature range operating humidity range storage temperature range storage humidity range -10 to 60 ? (note 2) 40 to 70 % -35 to 85 ? (note 1) 40 to 80 % note 1: includes temperature rise caused by current flow. note 2: the term "storage" refers to products stored for long period of time prior to mounting and use. operating temperature r ange and humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation. note 3: information contained in this catalog represents general requirements for this series. contact us for the drawings and specifications for a specific part number shown. note1: df17(0.3)- * ds-0.5v : contact area: gold plating/lead area: flash gold plated df17(4.0)- * ds-0.5v : contact area: gold plating/lead area: tin plated df17(4.0)- * dp-0.5v : contact area: gold plating/lead area: tin plated note2: the header gold plated product:contact area: gold plating/lead area: tin plated df17(1.0h)- * ds-0.5v only: contact area: gold plating/lead area: flash gold plated material product part receptacle header insulator contact metal fitting insulator contact metal fitting polyamide phosphor copper phosphor copper polyamide phosphor copper phosphor copper white gold plated (note 1) tin-lead plated white gold plated (note 2) tin-lead plated ul94v-0 --------------- --------------- ul94v-0 --------------- --------------- material finish remarks b ordering information df17 # ( ** ) - * ds - 0.5 v ( ** ) 1 2 3 4 5 6 8 7 receptacle/header product height the stacking height can be determined by adding the figures in parentheses to receptacle and header. number of contacts 20,26,30,40,50,60,70,80 contacts connector type ds: receptacle dp: header contact pitch: 0.5mm contact type v: straight smt packaging type (57): gold plated,embossed tape packaging 3 4 5 6 7 8 2 1 df17 df17b fitting   boss  series name: df17 type the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a187 df17 series 0.5mm pitch board to board connector stacking height: 4mm receptacle with metal fitting 0 20 0 26 0 30 0 40 0 50 0 60 0 70 0 80 10.0 11.5 12.5 15.0 17.5 20.0 22.5 25.0 0 6.8 0 8.3 0 9.3 11.8 14.3 16.8 19.3 21.8 0 5.5 0 7.0 0 8.0 10.5 13.0 15.5 18.0 20.5 0 4.5 0 6.0 0 7.0 0 9.5 12.0 14.5 17.0 19.5 0 7.0 0 8.5 0 9.5 12.0 14.5 17.0 19.5 22.0 0 9.8 11.3 12.3 14.8 17.3 19.8 22.3 24.8 3.5 3.0 yes stacking height: 5mm, 7mm stacking height: 6mm, 8mm a b c d e f g h rohs number of contacts cl no. 683-0002-2-57 683-0241-3-57 683-0003-5-57 683-0004-8-57 683-0005-0-57 683-0006-3-57 683-0007-6-57 683-0008-9-57 part number df17(3.0)- 0 20ds-0.5v(57) df17(3.0)- 0 26ds-0.5v(57) df17(3.0)- 0 30ds-0.5v(57) df17(3.0)- 0 40ds-0.5v(57) df17(3.0)- 0 50ds-0.5v(57) df17(3.0)- 0 60ds-0.5v(57) df17(3.0)- 0 70ds-0.5v(57) df17(3.0)- 0 80ds-0.5v(57) 26 30 60 70 80 11.5 12.5 20.0 22.5 25.0 0 8.3 0 9.3 16.8 19.3 21.8 0 7.0 0 8.0 15.5 18.0 20.5 0 6.0 0 7.0 14.5 17.0 19.5 0 8.5 0 9.5 17.0 19.5 22.0 11.3 12.3 19.8 22.3 24.8 3.0 3.0 yes a b c d e f g h rohs number of contacts cl no. 683-0253-2-57 683-0268-0-57 683-0361-5-57 683-0393-1-57 683-0369-7-57 part number df17(3.0h)-26ds-0.5v(57) df17(3.0h)-30ds-0.5v(57) df17(3.0h)-60ds-0.5v(57) df17(3.0h)-70ds-0.5v(57) df17(3.0h)-80ds-0.5v(57) 20 30 40 50 60 70 80 10.0 12.5 15.0 17.5 20.0 22.5 25.0 0 6.8 0 9.3 11.8 14.3 16.8 19.3 21.8 0 5.5 0 8.0 10.5 13.0 15.5 18.0 20.5 0 4.5 0 7.0 0 9.5 12.0 14.5 17.0 19.5 0 7.0 0 9.5 12.0 14.5 17.0 19.5 22.0 0 9.8 12.3 14.8 17.3 19.8 22.3 24.8 4.5 4.0 yes a b c d e f g h rohs number of contacts cl no. 683-0042-7-57 683-0043-0-57 683-0044-2-57 683-0045-5-57 683-0046-8-57 683-0047-0-57 683-0048-3-57 part number df17(4.0)-20ds-0.5v(57) df17(4.0)-30ds-0.5v(57) df17(4.0)-40ds-0.5v(57) df17(4.0)-50ds-0.5v(57) df17(4.0)-60ds-0.5v(57) df17(4.0)-70ds-0.5v(57) df17(4.0)-80ds-0.5v(57) note 1. in regard to this product, the embossed tape packaging is the standard packaging. (1000 pcs./ reel.) note 2. if the without boss specification is required, please contact hrs sales department. 1.9 0.2 1.8 c ? 0.5 4.7 p = 0.5 d e b a 0.7 h g 1.5 5.7 3.9 0.2 f a the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a188 df17 series 0.5mm pitch board to board connector 4.0 yes h rohs header with metal fitting stacking height: 5mm, 6mm stacking height: 7mm, 8mm note 1. in regard to this product, the embossed tape packaging is the standard packaging. (1000 pcs./reel.) note 2. if the without boss specification is required, please contact hrs sales department. 0 20 0 30 0 40 0 50 0 60 0 70 0 80 10.0 12.5 15.0 17.5 20.0 22.5 25.0 0 6.7 0 9.2 11.7 14.2 16.7 19.2 21.7 0 5.6 0 8.1 10.6 13.1 15.6 18.1 20.6 0 4.5 0 7.0 0 9.5 12.0 14.5 17.0 19.5 0 7.0 0 9.5 12.0 14.5 17.0 19.5 22.0 0 9.8 12.3 14.8 17.3 19.8 22.3 24.8 4.3 2.0 yes a b c d e f g h rohs number of contacts cl no. 683-0082-1-57 683-0083-4-57 683-0084-7-57 683-0085-0-57 683-0086-2-57 683-0087-5-57 683-0088-8-57 part number df17(2.0)- 0 20dp-0.5v(57) df17(2.0)- 0 30dp-0.5v(57) df17(2.0)- 0 40dp-0.5v(57) df17(2.0)- 0 50dp-0.5v(57) df17(2.0)- 0 60dp-0.5v(57) df17(2.0)- 0 70dp-0.5v(57) df17(2.0)- 0 80dp-0.5v(57) 20 30 40 50 60 70 80 10.0 12.5 15.0 17.5 20.0 22.5 25.0 0 6.7 0 9.2 11.7 14.2 16.7 19.2 21.7 0 5.6 0 8.1 10.6 13.1 15.6 18.1 20.6 0 4.5 0 7.0 0 9.5 12.0 14.5 17.0 19.5 0 7.0 0 9.5 12.0 14.5 17.0 19.5 22.0 0 9.8 12.3 14.8 17.3 19.8 22.3 24.8 6.3 a b c d e f g number of contacts cl no. 683-0122-4-57 683-0123-7-57 683-0124-0-57 683-0125-2-57 683-0126-5-57 683-0127-8-57 683-0128-0-57 part number df17(4.0)-20dp-0.5v(57) df17(4.0)-30dp-0.5v(57) df17(4.0)-40dp-0.5v(57) df17(4.0)-50dp-0.5v(57) df17(4.0)-60dp-0.5v(57) df17(4.0)-70dp-0.5v(57) df17(4.0)-80dp-0.5v(57) b e p = 0.5 d c 4.7 a 1.8 0.7 ? 0.5 5.7 3.8 0.25 0.2 h g 1.5 1.9 f a stacking height: 4mm stacking height: 5.5mm,6.5mm 26 30 60 70 80 11.5 12.5 20.0 22.5 25.0 0 8.2 0 9.2 16.7 19.2 21.7 0 7.1 0 8.1 15.6 18.1 20.6 0 6.0 0 7.0 14.5 17.0 19.5 0 8.5 0 9.5 17.0 19.5 22.0 11.3 12.3 19.8 22.3 24.8 3.3 1.0 yes a b c d e f g h rohs number of contacts cl no. 683-0257-3-57 683-0272-7-57 683-0365-6-57 683-0397-2-57 683-0373-4-57 part number df17(1.0h)-26dp-0.5v(57) df17(1.0h)-30dp-0.5v(57) df17(1.0h)-60dp-0.5v(57) df17(1.0h)-70dp-0.5v(57) df17(1.0h)-80dp-0.5v(57) 26 80 11.5 25.0 0 8.2 21.7 0 7.1 20.6 0 6.0 19.5 0 8.5 22.0 11.3 24.8 4.8 2.5 yes a b c d e f g h rohs number of contacts cl no. 683-0245-4-57 683-0168-5-57 part number df17(2.5)-26dp-0.5v(57) df17(2.5)-80dp-0.5v(57) the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a189 df17 series 0.5mm pitch board to board connector s receptacle 4.3 header 4 .0 pcb mounting pattern receptacle header number of contacts de j k 0 20 0 4.5 0 7.0 10.4 0 7.6 0 26 0 6.0 0 8.5 11.9 9.1 0 30 0 7.0 0 9.5 12.9 10.1 0 40 0 9.5 12.0 15.4 12.6 0 50 12.0 14.5 17.9 15.1 0 60 14.5 17.0 20.4 17.6 0 70 17.0 19.5 22.9 20.1 0 80 19.5 22.0 25.4 22.6 * the recommended solder paste thickness is 150 m. note 1. if the pattern is included in the shaded area, and not treated with resist, it could touch the connector contact. note 2. if the boss isn't included, the boss hole shown in the above figure isn't required. ? 0.6 + 0.05 0 s 0 _ 0.05 6.3 + 0.1 0 1.9 0.02 p = 0.5 0.02 d 0.03 e 0.03 k 0 _ 0.1 j + 0.1 0 0.25 0.02 2.1 + 0.1 0 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a190 df17 series 0.5mm pitch board to board connector packaging specification embossed carrier tape dimensions receptacle connector lmpqr df17#(3.0)-20ds-0.5v 11.5 24 3.8 25.5 330 df17#(3.0)-30ds-0.5v 11.5 24 3.8 25.5 330 df17#(3.0)-40ds-0.5v 11.5 24 3.8 25.5 330 df17#(3.0)-26ds-0.5v 11.5 24 3.8 25.5 330 connector lmnpqr df17#(3.0)- 0 50ds-0.5v 14.2 28.4 32 3.8 33.5 330 df17#(3.0)- 0 60ds-0.5v 14.2 28.4 32 3.8 33.5 330 df17#(3.0)- 0 70ds-0.5v 20.2 40.4 44 3.8 45.5 330 df17#(3.0)- 0 80ds-0.5v 20.2 40.4 44 3.8 45.5 330 connector lnpqr df17#(4.0)-20ds-0.5v 11.5 24 4.8 25.5 330 df17#(4.0)-30ds-0.5v 11.5 24 4.8 25.5 330 df17#(4.0)-40ds-0.5v 11.5 24 4.8 25.5 330 connector lmnpqr df17#(4.0)-50ds-0.5v 14.2 28.4 32 4.8 33.5 330 df17#(4.0)-60ds-0.5v 14.2 28.4 32 4.8 33.5 330 df17#(4.0)-70ds-0.5v 20.2 40.4 44 4.8 45.5 330 df17#(4.0)-80ds-0.5v 20.2 40.4 44 4.8 45.5 330 connector lmnpqr df17#(3.0)-26ds-0.5v 11.5 - 24 3.3 25.5 330 df17#(3.0)-30ds-0.5v 11.5 - 24 3.3 25.5 330 df17#(3.0)-60ds-0.5v 14.2 28.4 32 3.3 33.5 330 df17#(3.0)-70ds-0.5v 20.2 40.4 44 3.3 45.5 330 df17#(3.0)-80ds-0.5v 20.2 40.4 44 3.3 45.5 330 reel dimensions 1.750.1 ?1.5 + 0.1 0 120.1 20.1 40.1 l0.1 m0.1 n0.3 0.20.05 r0.75 +0.15 0 r0.75 +0.15 0 0.30.1 p0.15 unreeling direction y-y y x y x-x x ?1.5 lead hole depth ?130.2 (q+4)1 q0.5 ?r2 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a191 df17 series 0.5mm pitch board to board connector connector lmnpqr df17(1.0h)-26dp-0.5v 11.5 - 24 3.6 25.5 330 df17(1.0h)-30dp-0.5v 11.5 - 24 3.6 25.5 330 df17(1.0h)-60dp-0.5v 14.2 28.4 32 3.6 33.5 330 df17(1.0h)-70dp-0.5v 20.2 40.4 44 3.6 45.5 330 df17(1.0h)-80dp-0.5v 20.2 40.4 44 3.6 45.5 330 header connector lnpqr df17#(2.0)-20dp-0.5v 11.5 24 4.6 25.5 330 df17#(2.0)-30dp-0.5v 11.5 24 4.6 25.5 330 df17#(2.0)-40dp-0.5v 11.5 24 4.6 25.5 330 df17#(2.5)-26dp-0.5v 11.5 24 5.1 25.5 330 df17#(2.5)-80dp-0.5v 20.2 44 5.1 45.5 330 connector lmnpqr df17#(2.0)- 0 50dp-0.5v 14.2 28.4 32 4.6 33.5 330 df17#(2.0)- 0 60dp-0.5v 14.2 28.4 32 4.6 33.5 330 df17#(2.0)- 0 70dp-0.5v 20.2 40.4 44 4.6 45.5 330 df17#(2.0)- 0 80dp-0.5v 20.2 40.4 44 4.6 45.5 330 connector lnpqr df17#(4.0)-20dp-0.5v 11.5 24 6.6 25.5 380 df17#(4.0)-30dp-0.5v 11.5 24 6.6 25.5 380 df17#(4.0)-40dp-0.5v 11.5 24 6.6 25.5 380 connector lmnpqr df17#(4.0)-50dp-0.5v 14.2 28.4 32 6.6 33.5 380 df17#(4.0)-60dp-0.5v 14.2 28.4 32 6.6 33.5 380 df17#(4.0)-70dp-0.5v 20.2 40.4 44 6.6 45.5 380 df17#(4.0)-80dp-0.5v 20.2 40.4 44 6.6 45.5 380 reel dimensions 1.750.1 ?1.5 + 0 .1 0 120.1 20.1 40.1 l0.1 m0.1 n0.3 0.20.05 r0.75 + 0 .1 5 0 r0.75 +0.15 0 0.30.1 p0.15 unreeling direction y x y x y-y x-x ?1.5 lead hole depth ?130.2 (q+4)1 q0.5 ?r2 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a192 df17 series 0.5mm pitch board to board connector precautions 1. recommended temperature profile (smt) note1: up to 2 cycles of reflow soldering are possible under the same conditions, provided that there is a return to normal temperature between the first and second cycle. note2: the temperature profile indicates the board surface temperature at the point of contacts with the connector terminals. the header is designed in a structure where contacts are exposed. touching it with bare hands would cause contact failure or electrostatic element damage. where no board is mounted, the insertion or extraction will cause damage or contact deformation. avoid retaining the board with the connector only, and fix the board by any other means than the connector. excessive scoop insertion or extraction may result in damage. in the manual soldering process, don't carry out the flux coating which will cause a flux blister on the connector. the color phase of this product may be slightly different from that of the formed product according to the manufacturing lot. however, the difference doesn't affect the performance. soldering iron temperature: 350 3 ? oldering time: within 2 seconds 0.15mm max 0.02mm in the connector center area, based on the both connector edges refer to the "nylon connector use hand book". 6. cautions 2. recommended manual soldering condition (smt) 3. recommended screen thickness (smt) 4. board warp(smt) 5. cleaning condition 50 60sec max soldering 100 150 200 250 time (sec.) temperature (?) 0 100 150 200 250 50 room temperature 300 90~120sec preheating 180? 250? 220? 150? the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.


▲Up To Search▲   

 
Price & Availability of DF1740-20DS-05V57

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X